Part Number Hot Search : 
MAC210A8 XILINX SM53163 158M000 5225B 015020 05270Y B0515
Product Description
Full Text Search
 

To Download BCL322522-R82M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental

RopHtSlsr lian fo Com
o `LF' M de
1210 Industry Size Surface Mount Inductors
* * * * * * Inductance Range 0.12H to 120H Standard Tolerance 10%(<3.3H = 20%) Operating Temperature Range -40C to +105C Ambient Temperature, Maximum 80C Resistance to Solder Heat 260C for 10 sec. Terminal Pull Strength, Minimum 0.5 kg
Specifications
Part Number BCL322522-R12M BCL322522-R15M BCL322522-R18M BCL322522-R22M BCL322522-R27M BCL322522-R33M BCL322522-R39M BCL322522-R47M BCL322522-R56M BCL322522-R68M BCL322522-R82M BCL322522-1R0M BCL322522-1R2M BCL322522-1R5M BCL322522-1R8M BCL322522-2R2M BCL322522-2R7M BCL322522-3R3K BCL322522-3R9K BCL322522-4R7K BCL322522-5R6K BCL322522-6R8K BCL322522-8R2K BCL322522-100K BCL322522-120K BCL322522-180K BCL322522-220K BCL322522-270K BCL322522-330K BCL322522-390K BCL322522-470K BCL322522-560K BCL322522-680K BCL322522-820K BCL322522-101K BCL322522-121K Inductance H 0.1220% 0.1520% 0.1820% 0.2220% 0.2720% 0.3320% 0.3920% 0.4720% 0.5620% 0.6820% 0.8220% 1.020% 1.220% 1.520% 1.820% 2.220% 2.720% 3.310% 3.910% 4.710% 5.610% 6.810% 8.210% 10.010% 12.010% 15.010% 18.010% 22.010% 27.010% 33.010% 39.010% 47.010% 56.010% 68.010% 82.010% 10010% 12010% Q Min. 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 20 20 Test Frequency MHz 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 SRF MHz Min. 500 450 400 350 320 300 250 220 180 160 140 120 100 85 80 75 70 60 55 50 47 43 40 36 33 28 25 23 18 17 16 15 13 12 11 10 10 DC Resistance Max 0.22 0.25 0.28 0.32 0.36 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.85 0.90 1.00 1.10 1.20 1.30 1.50 1.60 1.80 2.00 2.10 2.50 2.80 3.30 3.70 5.00 5.60 6.40 7.00 8.00 9.00 10.00 11.00 12.00 Rated Current IDC mA 450 450 450 450 450 450 450 450 450 450 450 400 390 370 350 320 290 260 250 220 200 180 170 150 140 130 120 110 80 70 65 60 55 50 45 40 70
70
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
Outline Dimensions (Inch/mm)
Packaging
Standard: Embossed Tape & Reel Reel: Diameter Capacity = = 7" (177.8mm) 2000 Units
Ordering Information
BCL 322522
Model Series Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, `R' denotes the decimal point.
330
K
LF
Lead-Free Option LF = Lead - Free (No code used for non lead-free part)
Inductance Tolerance J = 5% K = 10% M = 20%
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
71


▲Up To Search▲   

 
Price & Availability of BCL322522-R82M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X